Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download 1N4460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4460 THRU 1N4496 Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
POWER DISCRETES Description
Quick reference data VR = 6.2 - 200V IZ (MAX) = 7.2mA - 230mA ZZ = 4 - 1500 I = 0.05A - 10A
R
Features
Low dynamic impedance Hermetically sealed. 1.5 Watt applications Low reverse leakage currents Small package These products are qualified to MIL-PRF-19500/406. They can be supplied fully released as JAN, JANTX, JANTXV and JANS versions.
Electrical Specifications
Electrical specifications @ TA = 25C unless otherwise specified.
Device Types
VZ N om
VZ Min
VZ Max
IZ Test ZK IZ Max Vz (reg) ZZ Current Imped. Knee DC Voltage Imped. Current Reg. TA=+25C
VR IR IZSM @ VZ TA= +25C Reverse Reverse Temp. Voltage Current Coeff. DC A 2.3 2.1 1.9 1.7 1.6 1.4 1.3 1.2 1.1 0.95 0.90 0.79 0.71 0.65 0.60 0.53 0.48 V 3.72 4.08 4.50 4.92 5.46 8.0 8.8 9.6 10.4 12.0 12.8 14.4 16.0 17.6 19.2 21.6 24.0 A 10 5 1 0.5 0.3 0.3 0.3 0.2 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 %/ C 0.050 0.057 0.061 0.065 0.068 0.071 0.073 0.076 0.079 0.082 0.083 0.085 0.086 0.087 0.088 0.090 0.091
IZK Test Current
r Reverse Current DC TA=150C A 50 20 10 5 3 3 2 2 2 2 2 2 2 2 2 2 2
V 1N4460 1N4461 1N4462 1N4463 1N4464 1N4465 1N4466 1N4467 1N4468 1N4469 1N4470 1N4471 1N4472 1N4473 1N4474 1N4475 1N4476 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0
V 5.89 6.46 7.13 7.79 8.65
9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.0
V 6.51 7.14 7.87 8.61 9.55 10.5 11.55 12.6 13.65 15.75 16.8 18.9 21.0 23.10 25.2 28.3 31.5
mA 40 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5
4 2.5 2.5 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 14.0 16.0 18.0 20.0
200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750
mA 230 210 191 174 157 143 130 119 110 95 90 79 71 65 60 53 48
V 0.35 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.75 0.80 0.83 0.95 1.0 1.1 1.3 1.4
mA 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
20.9 22.8 25.7 28.5
Revision: July 2010
1
www.semtech.com
1N4460 THRU 1N4496
POWER DISCRETES Electrical Specifications (Cont.)
Electrical specifications @ TA = 25C unless otherwise specified.
Device Types
VZ N om
VZ Min
VZ Max
ZZ IZ Test ZK IZ Max Vz (reg) Current Imped. Knee DC Voltage Imped. Current Reg. TA=+25C
VR IR IZSM @ VZ TA= +25C Reverse Reverse Temp. Voltage Current Coeff. DC A 0.43 0.4 0.37 0.33 0.30 0.28 0.26 0.23 0.21 0.19 0.17 0.16 0.14 0.13 0.12 0.11 0.095 0.089 0.079 0.072 V 26.4 28.8 31.2 34.4 37.6 40.8 44.8 49.6 54.4 60.0 65.6 72.8 80.0 88.0 96.0 104.0 120 128 144 160 A 0.05 0.05 0.05 0.05 0.05 0.05 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 %/ C 0.092 0.093 0.094 0.095 0.095 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
IZK Test Current
IR Reverse Current DC TA=+150C A 2 2 2 2 2 2 10 10 10 10 10 10 10 10 10 10 10 10 10 10
V 1N4477 1N4478 1N4479 1N4480 1N4481 1N4482 1N4483 1N4484 1N4485 1N4486 1N4487 1N4488 1N4489 1N4490 1N4491 1N4492 1N4493 1N4494 1N4495 1N4496 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
V 31.4 34.2 37.1 40.9 44.7
48.5
V 34.6 37.8 40.9 45.1 49.3 53.5 58.8 65.1 71.4 78.7 86.1 95.5 105.0
mA 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2
25 27 30 40 50 60 70 80 100 130 160 200 250 300 400 500 700 1000 1300 1500
800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000
mA 43 40 37 33 30 28 26 23 21 19 17 16 14 13 12 11 9.5 8.9 7.9 7.2
V 1.5 1.7 1.8 1.9 2.1 2.3 2.5 2.7 3.0 3.3 3.6 4.0 4.4 5.0 5.5 6.0 7.0 8.0 10.0 12.0
mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
53.2 58.9 64.6 71.3 77.9 86.5 95.0
104.5 115.5 114.0 126.0 123.5 136.5 142.5 157.5 152 171 190 168 189 210
Notes: (1) Operating Temperature: -55C to 175C. (2) Storage Temperature: -65C to 175C.
(c) 2010 Semtech Corp.
2
www.semtech.com
1N4460 THRU 1N4496
POWER DISCRETES Ordering Information
Part Number 1N4460 THRU 1N4496 Axial leaded hermetically sealed(1) Description
Note: (1) Available in bulk or tape and reel packaging. Please consult factory for quantities.
Outline Drawing
G99
Dimensions Inches DIMN A B C D E MIN 0.06 0.8 0.106 0.028 MAX 0.085 1.30 0.16 0.05 0.032 Millimeters MIN 1.52 20.32 2.69 0.71 MAX 2.16 33.02 4.06 1.27 0.81 1 Note
Note: (1) Lead diameter uncontrolled over this region.
Contact Information
Semtech Corporation Power Discretes Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2010 Semtech Corp.
3
www.semtech.com


▲Up To Search▲   

 
Price & Availability of 1N4460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X